PART |
Description |
Maker |
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
72V85L15PAG 72V81L15PAGI 72V81L20PAGI 72V82L15PAGI |
3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
|
Integrated Device Technology
|
FDS8960C0511 FDS8960C |
35V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench㈢ MOSFET Dual N & P-Channel PowerTrench? MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDS8962C |
30V Dual N & P-Channel PowerTrench MOSFET Dual N & P-Channel Power Trench
|
Fairchild Semiconductor Corporation
|
MAX306-MAX307 MAX307 MAX307CPI MAX307CWI MAX307EPI |
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers Precision 16-Channel/Dual 8-Channel High-Performance CMOS Analog Multiplexers Circular Connector; Body Material:Aluminum; Series:PT06; Number of Contacts:19; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:14-19 Precision / 16-Channel/Dual 8-Channel / High-Performance / CMOS Analog Multiplexers Precision.16-Channel/Dual 8-Channel.High-Performance.CMOS Analog Multiplexers 高精度6通道/通道、高性能、CMOS模拟多路复用
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ALD1103DB ALD1103 ALD1103PB ALD1103SB |
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-21 RoHS Compliant: No DUAL N-CHANNEL AND DUAL P-CHANNEL MATCHED MOSFET PAIR
|
Advanced Linear Devices, Inc. ALD[Advanced Linear Devices]
|
SI9948AEY |
P-Channel Enhancement-Mode MOSFET Dual Dual P-Channel 60-V (D-S), 175C MOSFET Dual P-Channel 60-V (D-S), 175C MOSFET Dual P-Channel 60-V (D-S)/ 175C MOSFET
|
Vishay Siliconix Fairchild Semiconductor
|
FDMA3028N |
30V Dual N-Channel PowerTrenchMOSFET Dual N-Channel PowerTrench? MOSFET 30 V, 3.8 A, 68 mΩ
|
Fairchild Semiconductor
|
MOCD217M D217R2801S D217R2853S D217R2V801S D217R2V |
Dual Channel Phototransistor Dual Channel Phototransistor Small Outline Surface Mount Optocouplers (Low Input Current)
|
Fairchild Semiconductor Diodes Incorporated
|
IDT7130SA20PF IDT7130SA25PF IDT7130SA IDT7130SA25C |
Dual Integrated Solenoid Driver; Package: MLP 8x12; No of Pins: 18; Container: Tape & Reel 30V N-Channel PowerTrench SyncFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQCC48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CQFP48 Single P-Channel Logic Level PowerTrench MOSFET; Package: SOIC; No of Pins: 8; Container: Tape & Reel 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 Single P-Channel Logic Level PowerTrench MOSFET 1K X 8 DUAL-PORT SRAM, 100 ns, PQCC52 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 55 ns, CQFP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PQFP64 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, PDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 25 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 100 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CDIP48 HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM 1K X 8 DUAL-PORT SRAM, 35 ns, CQFP48 Asynchronous Communications Element With Autoflow Control 48-LQFP 0 to 70 高速每1000 × 8双端口静态RAM HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Integrated Device Techn...
|